Part Number Hot Search : 
AZS0430L C16LF P2N60 C1297 4ACT24 PSBZ125 STK40 CXA2542
Product Description
Full Text Search
 

To Download EPC1005H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter
ELECTRONICS INC.
EPC1005H
* Designed for Low Common Mode Noise * 70% Min. Efficiency at Full Load @ Nominial Input Voltage * Input Filter to Reduce Input Ripple Current (Less than 10 mA p-p Typical) * Input/Output Isolation : 2000 Vrms * No Over Current Protection * Fuse Protected
Electrical Specifications
Parameters Input Voltage (for specified output) Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW Input Ripple Current
Min. 7.5 -8.8 50 -----
Typ. 12 -9 200 -----
Max. 15 -9.2 250 200 25
Units Volts Volts mA mV p-p mV p-p
* Do Not Short Circuit Output Pins (This device Does Not come with an Internal Short Circuit Protection) * * Operating Temperature Range : 0C to +70C * Storage Temperature Range : -20C to +85C * * Operating Humidity Range : 85% RH *
Package
Pin Connections
1.290 (32.77) -9V PCA EPC1005H Date Code Pin 1 I.D. +12V
V in4
V o3
1 V in+ .015 (.381) .530 Max. (13.46)
2 V o+
.025 O (.635) Leads
1.100 (27.94)
.110/.140 (2.79/3.56)
1 .790 (20.07) 4
2 .600 (15.24) 3
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC1005H Rev. Orig 10/20/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1005H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X